Part Number Hot Search : 
MOBIL AAMUA 2SC2712 LTC1562I 1N7002 AM6082XC 1V156 15310
Product Description
Full Text Search
 

To Download HLMP-1320- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 (3 mm) High Intensity LED Lamps Technical Data
HLMP-132x Series HLMP-142x Series HLMP-152x Series
Features
* High Intensity * Choice of 3 Bright Colors High Efficiency Red Yellow High Performance Green * Popular T-1 Diameter Package * Selected Minimum Intensities * Narrow Viewing Angle
* * * *
General Purpose Leads Reliable and Rugged Available on Tape and Reel For more information, please refer to Tape and Reel Option Data Sheet
Description
This family of T-1 lamps is specially designed for applications requiring higher on-axis intensity than is achievable with a standard lamp. The light generated is focused to a narrow beam to achieve this effect.
Package Dimensions
Selection Guide
Part Number HLMP-1320-G00xx HLMP-1320 GH0xx HLMP-1321 HLMP-1321-G00xx HLMP-1321-HI0xx HLMP-1420 HLMP-1420-F00xx HLMP-1421 HLMP-1421-F00xx HLMP-1421-FG0xx HLMP-1520 HLMP-1520-E00xx HLMP-1521 HLMP-1521-E00xx HLMP-1521-EF0xx Package Description Untinted, Nondiffused Tinted, Nondiffused Microtinted, Nondiffused Yellow Tinted, Nondiffused Microtinted, Nondiffused Tinted, Nondiffused Green Luminous Intensity Iv (mcd) @ 10 mA Min. Max. 8.6 - 8.6 27.6 8.6 - 8.6 - 13.8 44.0 9.2 - 9.2 - 9.2 - 9.2 - 9.2 29.4 6.7 - 6.7 - 6.7 - 6.7 - 6.7 21.2
Color High Efficiency Red
2
Part Numbering System
HLMP - 1 x xx - x x x xx Mechanical Option 00: Bulk 01: Tape & Reel, Crimped Leads 02: Tape & Reel, Straight Leads A1: Right Angle Housing, Uneven Leads A2: Right Angle Housing, Even Leads Color Bin Options 0: Full Color Bin Distribution Maximum Iv Bin Options 0: Open (no max. limit) Others: Please refer to the Iv Bin Table Minimum Iv Bin Options Please refer to the Iv Bin Table Lens Options 20: Untinted or Microtinted, Non-diffused 21: Tinted, Non-diffused Color Options 3: GaP HER 4: GaP Yellow 5: GaP Green Package Options 1: T-1 (3 mm)
Absolute Maximum Ratings at TA = 25C
Parameter Peak Forward Current Average Forward Current[1] DC Current[2] Dissipation[3] Red 90 25 30 135 5 500 110 -55 to +100 Yellow 60 20 20 85 5 500 110 -55 to +100 Green 90 25 30 135 5 500 110 -20 to +100 -55 to +100 260C for 5 seconds Units mA mA mA mW V mA C C
Power
Reverse Voltage (I R = 100 A) Transient Forward Current[4] (10 sec Pulse) LED Junction Temperature Operating Temperature Range Storage Temperature Range Lead Soldering Temperature [1.6 mm (0.063 in.) from body]
Notes: 1. See Figure 5 (Red), 10 (Yellow), or 15 (Green) to establish pulsed operating conditions. 2. For Red and Green series derate linearly from 50C at 0.5 mA/C. For Yellow series derate linearly from 50C at 0.2 mA/C. 3. For Red and Green series derate power linearly from 25C at 1.8 mW/C. For Yellow series derate power linearly from 50C at 1.6 mW/C. 4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the Absolute Maximum Ratings.
3
Electrical Characteristics at TA = 25C
Symbol IV Description Luminous Intensity Device HLMP1320 1321 1420 1421 1520 1521 21/2 Including Angle Between Half Luminous Intensity Points Peak Wavelength All Min. 8.6 8.6 9.2 9.2 6.7 6.7 Typ. 30 30 15 15 22 22 45 Max. Units mcd mcd mcd Deg. Test Conditions IF = 10 mA (Figure 3) IF = 10 mA (Figure 8) IF = 10 mA (Figure 3) IF = 10 mA See Note 1 (Figures 6, 11, 16, 21) Measurement at Peak (Figure 1)
PEAK
132x 142X 152X
635 583 565 40 36 28 626 585 569 90 90 500 11 15 18 290 1.9 2.0 2.1 5.0 145 500 595 2.4 2.4 2.7
nm
1/2
Spectral Line Halfwidth
132x 142X 152X
nm
d
Dominant Wavelength
132x 142X 152X
nm
See Note 2 (Figure 1)
s
Speed of Response
132x 142X 152X
ns
C
Capacitance
132x 142X 152X
pF
VF = 0; f = 1 MHz
RJ-PIN VF
Thermal Resistance Forward Voltage
All 132x 142X 152X
C/W V
Junction to Cathode Lead IF = 10 mA
VR V
Reverse Breakdown Voltage Luminous Efficacy
All 132x 142X 152X
V lumens Watt
IR = 100 A See Note 3
Notes: 1. 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = lv/v, where lv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt.
4
Figure 1. Relative Intensity vs. Wavelength.
T-1 High Efficiency Red Non-Diffused
Figure 2. Forward Current vs. Forward Voltage Characteristics.
Figure 3. Relative Luminous Intensity vs. DC Forward Current.
Figure 4. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak LED Current.
Figure 5. Maximum Tolerable Peak Current vs. Pulse Duration. (IDC MAX as per MAX Ratings).
Figure 6. Relative Luminous Intensity vs. Angular Displacement.
5
T-1 Yellow Non-Diffused
Figure 7. Forward Current vs. Forward Voltage Characteristics.
Figure 8. Relative Luminous Intensity vs. Forward Current.
Figure 9. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
Figure 10. Maximum Tolerable Peak Current vs. Pulse Duration. (IDC MAX as per MAX Ratings).
Figure 11. Relative Luminous Intensity vs. Angular Displacement.
6
T-1 Green Non-Diffused
Figure 12. Forward Current vs. Forward Voltage Characteristics.
Figure 13. Relative Luminous Intensity vs. Forward Current.
Figure 14. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak LED Current.
Figure 15. Maximum Tolerable Peak Current vs. Pulse Duration. (IDCMAX as per MAX Ratings).
Figure 16. Relative Luminous Intensity vs. Angular Displacement.
7
Intensity Bin Limits
Color Bin G H I J K L M N O P Q R S T U V W X Y Z F G H I J K L M N O P Q R S T U V W Intensity Range (mcd) Min. Max. 9.7 15.5 15.5 24.8 24.8 39.6 39.6 63.4 63.4 101.5 101.5 162.4 162.4 234.6 234.6 340.0 340.0 540.0 540.0 850.0 850.0 1200.0 1200.0 1700.0 1700.0 2400.0 2400.0 3400.0 3400.0 4900.0 4900.0 7100.0 7100.0 10200.0 10200.0 14800.0 14800.0 21400.0 21400.0 30900.0 10.3 16.6 16.6 26.5 26.5 42.3 42.3 67.7 67.7 108.2 108.2 173.2 173.2 250.0 250.0 360.0 360.0 510.0 510.0 800.0 800.0 1250.0 1250.0 1800.0 1800.0 2900.0 2900.0 4700.0 4700.0 7200.0 7200.0 11700.0 11700.0 18000.0 18000.0 27000.0
Intensity Bin Limits, continued
Color Bin E F G H I J K L M N O P Q R S T U V W Intensity Range (mcd) Min. Max. 7.6 12.0 12.0 19.1 19.1 30.7 30.7 49.1 49.1 78.5 78.5 125.7 125.7 201.1 201.1 289.0 289.0 417.0 417.0 680.0 680.0 1100.0 1100.0 1800.0 1800.0 2700.0 2700.0 4300.0 4300.0 6800.0 6800.0 10800.0 10800.0 16000.0 16000.0 25000.0 25000.0 40000.0
Green
Red
Maximum tolerance for each bin limit is 18%.
Yellow
Color Categories
Color Category # 6 5 4 3 2 1 3 2 4 5 Lambda (nm) Min. Max. 561.5 564.5 564.5 567.5 567.5 570.5 570.5 573.5 573.5 576.5 582.0 584.5 584.5 587.0 587.0 589.5 589.5 592.0 592.0 593.0
Green
Yellow
Maximum tolerance for each bin limit is 0.5 nm.
Mechanical Option Matrix
Mechanical Option Code 00 01 02 A1 A2 Definition Bulk Packaging, minimum increment 500 pcs/bag Tape & Reel, crimped leads, minimum increment 1800 pcs/bag Tape & Reel, straight leads, minimum increment 1800 pcs/bag Right Angle Housing, uneven leads, minimum increment 500 pcs/bag Right Angle Housing, even leads, minimum increment 500 pcs/bag
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information.
www.semiconductor.agilent.com Data subject to change. Copyright (c) 2001 Agilent Technologies, Inc. June 11, 2001 Obsoletes 5968-4163E (11/99) 5988-0931EN


▲Up To Search▲   

 
Price & Availability of HLMP-1320-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X